Part Number Hot Search : 
IRLI530N KBPC5000 ZMM5267C SWL623 107M012 BZT52 AS324PE FOD050LV
Product Description
Full Text Search
 

To Download SR4D4021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Safety Relay SR4 D/M
I I I I I
4 pole safety relay with either 2 NO+2 NC or 3 NO+1 NC contacts Forcibly guided contacts according to EN 50205 Rated current 8 A Very small outlines RoHS compliant (Directive 2002/95/EC) as per product date code 0407
Applications Emergency shut-off, machine control, elevator and escalator control, light barrier control
F0244-A
Approvals
V REG.-Nr. 40005334, Z E214024, T 968/EL 230.00/03
Technical data of approved types on request
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Utilization class (AC-15) acc. IEC 60947-5-1 NO contact NC contact Contact material Minimum contact load Contact resistance 3 N/O contacts and 1 N/C contact or 2 N/O contacts and 2 N/C contacts single contact, forcibly guided type A according to EN 50205 micro disconnection 8A 240/400 VAC 2000 VA
Ie 3 A / Ue 250 VAC (inrush 30 A) Ie 1.5 A / Ue 250 VAC (inrush 15 A) AgSnO2 10 mA / 5 V w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Mechanical endurance 10x106 cycles Rated frequency of operation with / without load 6 min-1 / 150 min-1
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range 5...110 VDC appr. 800 mW 2
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.8 0.5 31+10% 806 006 6 4.5 0.6 45+10% 800 009 9 6.8 0.9 101+10% 802 012 12 9.0 1.2 180+10% 800 015 15 11.3 1.5 281+10% 801 018 18 13.5 1.8 405+10% 800 021 21 15.8 2.1 551+10% 800 024 24 18.0 2.4 720+10% 800 036 36 27.0 3.6 1620+10% 800 040 40 30.0 4.0 2000+10% 800 048 48 36.0 4.8 2880+10% 800 060 60 45.0 6.0 4500+10% 800 085 85 63.8 8.5 9031+10% 800 110 110 82.5 11.0 15125+10% 800 All figures are given for coil without preenergization, at ambient temperature +23C
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR4 D/M (Continued)
Other coil voltages on request
PCB layout / terminal assignment
Bottom view on solder pins
Insulation
Insulation resistance coil-contact circuit Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits adjacent contact circuits (UL840) Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category Insulation to EN 50178 Type of insulation coil-contact circuit adjacent contact circuits > 100x106 Ohm 4000 Vrms 1500 Vrms 2500 Vrms W 10 / 10 mm W 3 / 3.5 mm W 1.3 / 3.5 mm W IIIa CTI 250 reinforced functional basic 250 V 2 230/400 V III reinforced basic 3 NO and 1 NC contacts 2 NO and 2 NC contacts
S0413-BC
S0413-BB
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0407 Ambient temperature range -25...+70C Vibration resistance (function) NO / NC contact > 10 / 2 g, 10....200 Hz Shock resistance (function) NO / NC contact > 10 / 2 g, 11 ms half sine Category of protection RT III 1) Resistance to soldering heat 260C / 5 s Relay weight 16 g Packaging unit 10 pcs
1)
S0413-BA
please contact technical support for washing parameters
Dimensions
S0412-BH
Product key Type Contact configuration D 2 NO + 2 NC contacts M 3 NO + 1 NC contacts Contact material 4 AgSnO2 Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Other types on request
SR4
4
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR4 D/M (Continued)
Product key SR4D4005 SR4D4006 SR4D4009 SR4D4012 SR4D4018 SR4D4021 SR4D4024 SR4D4036 SR4D4040 SR4D4048 SR4D4060 SR4D4085 SR4D4110 SR4M4005 SR4M4006 SR4M4009 SR4M4012 SR4M4018 SR4M4021 SR4M4024 SR4M4036 SR4M4040 SR4M4048 SR4M4060 SR4M4085 SR4M4110
Type 4 pole safety relay
Contact configuration 2 NO + 2 NC contacts
Contact material AgSnO2
3 NO + 1 NC contacts
Coil 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC
Part number 7-1415054-1 8-1415054-1 9-1415054-1 0-1415055-1 1-1415055-1 2-1415055-1 3-1415055-1 4-1415055-1 5-1415055-1 6-1415055-1 7-1415055-1 8-1415055-1 9-1415055-1 5-1415053-1 6-1415053-1 7-1415053-1 8-1415053-1 9-1415053-1 0-1415054-1 4-1415053-1 1-1415054-1 2-1415054-1 3-1415054-1 4-1415054-1 5-1415054-1 6-1415054-1
3
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of SR4D4021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X